Part Number Hot Search : 
ICX075AL RP200 MB3773P 6VM2S ZD07V5 P4SMA 74ALS SAA7111
Product Description
Full Text Search
 

To Download SA16C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 THRU SA170CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power
FEATURES l l l l l l l Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated chip junction 500W Peak Pulse Power capability on 10/1000 gS waveform Excellent clamping capability Repetition rate(duty cycle): 0.01% Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0ns for bidirectional types Typical ID less than 1 gA above 10V High temperature soldering guaranteed: 300 J /10 seconds/.375",(9.5mm) lead length/5lbs., (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-15 molded plastic over passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoteds positive end(cathode) except Bidirectionals Mounting Position: Any Weight: 0.015 ounce, 0.4 gram DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. RATING SYMBOL VALUE Minimum 500 PPPM Peak Pulse Power Dissipation on 10/1000 gS waveform (Note 1, FIG.1) Peak Pulse Current of on 10/1000 gS waveform IPPM SEE TABLE 1 (Note 1, FIG.3) Steady State Power Dissipation at TL=75 J Lead PM(AV) 1.0 Lengths .375",(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave IFSM 70 Superimposed on Rated Load, Unidirectional only (JECED Method) (Note 3) Operating Junction and Storage Temperature Range TJ,TSTG -65 to +175 NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 J per Fig. 2. 2.Mounted on Copper Leaf area of 1.57in (40mm ) PER Figure 5. 3.8.3ms single half sine-wave or equivalent square wave, Duty cycle= 4 pulses per minute maximum.
2 2
DO-15
l l
UNITS Watts Amps Watts Amps
J
RATING AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
PEAK PULSE POWER(Ppp) OR CURRENT(Ipp) DERATING IN PERCENTAGE %
100
PPPM, PEAK PUSE POWER, kW
75
100
10
NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 TA = 25 J
50
25
1.0
0.1 0.1 g s
0 0 25 50 75 100 125 150 175 200
1.0 g s
10 g s
100 g s
1.0ms
10ms
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, J
Fig. 1-PEAK PULSE POWER RATING CURVE
150
Fig. 2-PULSE DERATING CURVE
6,000
Ippm, PEAK PULSE CURRENT, %
TA = 25J tf = 10gsec Peak Value Ippm 100 Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp
4,000 2,000
TJ = 25 J f = 1.0MHz Vsig = 50mVp-p
CJ, CAPACITANCE, pF
Half Value-Ipp 2 50 10/1000 gsec Waveform as Defined by R.E.A.
1,000 800 600 400 200 100 80 60 40
MEASURED AT ZERO BIAS MEASURED AT STAND-OFF VOLTAGE(V ) MW
e-kt 0 0 td 1.0 2.0 3.0 4.0
t, TIME , ms
20
Fig. 3-PULSE WAVEFORM
10 1.0
2.0
10
20
100
200
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
1.6
Fig. 4-TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
Ifsm, PEAK FORWARD SURGE CURRENT AMPERES
200 TJ = T max J 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD 50
Pm(AV) STEADY STATE POWER DISSIPATION, WATTS
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 200 40mmx40mmx1mm Cu (1.58"x1.58"x0.40") L = .375"(9.5mm)
100
0 1 10 50 100
TL , LEAD TEMPERATURE, J
NUMBER OF CYCLES AT 60Hz
Fig. 5-STEADY STATE POWER DERATING CURVE
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
UNI-DIRECTIONAL 500 Watt Axial Lead TVS
UNIDIRECTIONAL PART NUMBER SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A REVERSE STAND-OFF VOLTAGE VRWM (V) 5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 16.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 PEAK PULSE CURRENT IPP (A) 52.3 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 16.1 15.5 17.2 13.9 15.4 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 REVERSE LEAKAGE @VRWM IR (uA) 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5 5 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
UNI-DIRECTIONAL 500 Watt Axial Lead TVS
UNIDIRECTIONAL PART NUMBER SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A REVERSE STAND-OFF VOLTAGE VRWM (V) 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 269.0 243.0 287.0 259.0 304.0 275.0 PEAK PULSE CURRENT IPP (A) 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 REVERSE LEAKAGE @VRWM IR (uA) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
BI-DIRECTIONAL 500 Watt Axial Lead TVS
BI-DIRECTIONAL PART NUMBER SA5.0C SA5.0CA SA6.0C SA6.0CA SA6.5C SA6.5CA SA7.0C SA7.0CA SA7.5C SA7.5CA SA8.0C SA8.0CA SA8.5C SA8.5CA SA9.0C SA9.0CA SA10C SA10CA SA11C SA11CA SA12C SA12CA SA13C SA13CA SA14C SA14CA SA15C SA15CA SA16C SA16CA SA17C SA17CA SA18C SA18CA SA20C SA20CA SA22C SA22CA SA24C SA24CA SA26C SA26CA SA28C SA28CA SA30C SA30CA SA33C SA33CA SA36C SA36CA SA40C SA40CA SA43C SA43CA SA45C SA45CA SA48C SA48CA SA51C SA51CA SA54C SA54CA SA58C SA58CA REVERSE STAND-OFF VOLTAGE VRWM (V) 5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 16.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 PEAK PULSE CURRENT IPP (A) 52.3 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 16.1 15.5 17.2 13.9 15.4 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 REVERSE LEAKAGE @VRWM IR (uA) 1200 1200 1200 1200 800 800 300 300 100 100 50 50 20 20 5 5 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
BI-DIRECTIONAL 500 Watt Axial Lead TVS
BI-DIRECTIONAL PART NUMBER SA60C SA60CA SA64C SA64CA SA70C SA70CA SA75C SA75CA SA78C SA78CA SA85C SA85CA SA90C SA90CA SA100C SA100CA SA110C SA110CA SA120C SA120CA SA130C SA130CA SA150C SA150CA SA160C SA160CA SA170C SA170CA REVERSE STAND-OFF VOLTAGE VRWM (V) 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 269.0 243.0 287.0 259.0 304.0 275.0 PEAK PULSE CURRENT IPP (A) 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8 REVERSE LEAKAGE @VRWM IR (uA) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3


▲Up To Search▲   

 
Price & Availability of SA16C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X